PART |
Description |
Maker |
HE163 |
Medium Power Amplier
|
BOWEI Integrated Circuits CO.,LTD.
|
2SD1664 2SD1858 A5800362 2SD1664P 2SD1664T100Q 2SD |
Low-Power, Single/Dual-Level Battery Monitors with Hysteresis Medium Power Transistor (32V/ 1A) Medium Power Transistor (32V, 1A) From old datasheet system Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
|
Littelfuse Rohm CO.,LTD. ROHM[Rohm]
|
SBM82314X SBM82314 SBM82314Z SBM81314G SBM81314N S |
Medium Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving From old datasheet system Transceiver Medium Power BIDI Optical Standard Module 1550 nm Emitting/ 1310 nm Receiving Components and FTTx solutions - Tx 1550nm/Rx 1310nm, Medium Power
|
INFINEON[Infineon Technologies AG]
|
SF25JZ51 SF25GZ51 F25JZ51 |
SF25JZ51 THYRISTOR SILICON PLANAR TYPE MEDIUM POWER CONTROL APPLICATIONS MEDIUM POWER CONTROL APPLICATIONS 中功率控制中的应
|
TOSHIBA[Toshiba Semiconductor]
|
2SC2411K 2SC1741S 2SC4097 |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) Medium Power Transistor (32V, 0.5A) Medium Power Transistor (32V 0.5A) Medium Power Transistor (32V/ 0.5A)
|
ROHM[Rohm]
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
CSB772P CSB772R CSB772 CSB772E CSB772Q |
10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSD882 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSD882E 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSD882R 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSD882Q 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSD882P Audio Frequency Power Amplifier and Low Speed Switching
|
CDIL[Continental Device India Limited]
|
BC51-16PA BC51-10PA BCP51-10 BC51PA |
45 V, 1A PNP medium power transistors 45伏,1安PNP型中等功率晶体管 Si, POWER TRANSISTOR 45 V, 1 A PNP medium power transistors
|
NXP Semiconductors N.V.
|
QM5HG-24 |
MITSUBISHI TRANSISTOR MODULES MEDIUM POWER SWITCHING USE INSULATED TYPE MEDIUM POWER SWITCHING USE NON-INSULATED TYPE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
2SD214309 2SD1866TV2 |
Medium Power Transistor (Motor, Relay drive) (60隆戮10V, 2A) Medium Power Transistor (Motor, Relay drive) (60±10V, 2A) 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rohm
|
FXT458 |
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR From old datasheet system
|
ZETEX[Zetex Semiconductors]
|